PART |
Description |
Maker |
5B34-01 5B34-02 5B34-03 5B34-04 5B34-N-01 5B34 5B3 |
Isolated Linearized RTD Input Isolated Linearized RTD Input SPECIALTY ANALOG CIRCUIT, XMA Isolated 2-, 3-, or 4-Wire RTD Input Signal Conditioning Module
|
Analog Devices, Inc. AD[Analog Devices]
|
3B31-03 3B30 3B30-00 3B30-01 3B30-02 3B30-03 3B31 |
Isolated Volt Input; 3 Hz Bandwidth Signal Conditioning Module Isolated millivolt Input; 3 Hz Bandwidth Signal Conditioning Module Isolated Voltage Input AB 7C 7#16S SKT PLUG
|
AD[Analog Devices] Analog Devices, Inc.
|
7B33 7B33-01-1 7B33-01-2 |
Isolated Voltage Input Signal Conditioning Module -100 Hz Bandwidth ISOLATED, VOLTAGE OR CURRENT INPUT
|
AD[Analog Devices]
|
RP05-4833SF RP05-1205DF RP05-1205SF RP05-1212DF RP |
5W DC/DC converter with 36-75V input, 33/1000mA output, 2kV isolated 5W DC/DC converter with 36-75V input, 15/400mA output, 2kV isolated 5W DC/DC converter with 36-75V input, 12/4700mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 33/1000mA output, 2kV isolated 5W DC/DC converter with 36-75V input, 5/1000mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 12/470mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 15/400mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 5/1000mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 15/400mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 3.3/1000mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 12/470mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 5/1000mA output, 2kV isolated POWERLINE - DC/DC - CONVERTER 电力直流/直流-转炉
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH Shindengen Electric Manufacturing Co., Ltd.
|
5B47-K-05 5B47-K-04 5B47-J-01 5B47-J-02 5B47-J-03 |
Isolated, Linearized Thermocouple Input SPECIALTY ANALOG CIRCUIT, XMA Isolated Linearized Thermocouple Input Signal Conditioning Module
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
3B37-J-01 3B37-X-00 3B37 3B37-B-06 3B37-E-04 3B37- |
Isolated Thermocouple Input Signal Conditioning Module Isolated, Thermocouple Input
|
AD[Analog Devices]
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
3B46 3B45 3B45-01 3B45-CUSTOM 3B45-02 3B46-02 3B46 |
Isolated Frequency Input; 0 to 25 kHz Signal Conditioning Module Isolated Frequency Input; 0 to 300 Hz Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial SPECIALTY ANALOG CIRCUIT, XMA
|
AD[Analog Devices] Analog Devices, Inc.
|
7B41-02-1 7B41-01-1 7B41-01-2 7B41-08-2 7B41 7B41- |
Wide Band Isolation Input Module Isolated, Voltage or Current Input
|
AD[Analog Devices]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
1960004544 1960005788 USB-4718 |
8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input
|
Advantech Co., Ltd.
|
PHD32UYY PHD32UDD PHD32UDC PHD32UDB PHD32VDB PHD32 |
PHD32 Series . 32A Non-Isolated DC/DC Converter 5V/ 3.3V Input Dual Output PHD32 Series . 32A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output Reed Switch; Pull-In Amp Turns Max:19; Pull-In Amp Turns Min:10; Circuitry:SPST-NO; Switching Current Max:0.5A; Switching Voltage Max:180VDC; Mounting Type:PCB; Body Length:13.5mm; Breakdown Voltage Min:180V PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V3.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输
|
POWER-ONE[Power-One] Motorola Mobility Holdings, Inc. AME, Inc. Electronic Theatre Controls, Inc. Hitachi,Ltd.
|